Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 400Page - Renesas Technology Corp HD6432607 Datasheet HTML 401Page - Renesas Technology Corp HD6432607 Datasheet HTML 402Page - Renesas Technology Corp HD6432607 Datasheet HTML 403Page - Renesas Technology Corp HD6432607 Datasheet HTML 404Page - Renesas Technology Corp HD6432607 Datasheet HTML 405Page - Renesas Technology Corp HD6432607 Datasheet HTML 406Page - Renesas Technology Corp HD6432607 Datasheet HTML 407Page - Renesas Technology Corp HD6432607 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 364 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
PER
0
R/W
Parity Error
[Setting condition]
• When a parity error is detected during reception
[Clearing condition]
• When 0 is written to PER after reading PER = 1
2
TEND
1
R
Transmit End
This bit is set to 1 when no error signal has been sent
back from the receiving end and the next transmit data
is ready to be transferred to TDR.
[Setting conditions]
• When the TE bit in SCR is 0 and the ERS bit is also
0
• When the ERS bit is 0 and the TDRE bit is 1 after
the specified interval following transmission of 1-
byte data.
The timing of bit setting differs according to the
register setting as follows:
When GM = 0 and BLK = 0, 2.5 etu after
transmission starts
When GM = 0 and BLK = 1, 1.5 etu after
transmission starts
When GM = 1 and BLK = 0, 1.0 etu after
transmission starts
When GM = 1 and BLK = 1, 1.0 etu after
transmission starts
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC is activated by a TXI interrupt and
writes data to TDR
1
MPB
0
R
Multiprocessor Bit
This bit is not used in smart card interface mode.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
Write 0 to this bit in smart card interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com