Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 397Page - Renesas Technology Corp HD6432607 Datasheet HTML 398Page - Renesas Technology Corp HD6432607 Datasheet HTML 399Page - Renesas Technology Corp HD6432607 Datasheet HTML 400Page - Renesas Technology Corp HD6432607 Datasheet HTML 401Page - Renesas Technology Corp HD6432607 Datasheet HTML 402Page - Renesas Technology Corp HD6432607 Datasheet HTML 403Page - Renesas Technology Corp HD6432607 Datasheet HTML 404Page - Renesas Technology Corp HD6432607 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 361 of 666
REJ09B0427-0100
13.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI and multiprocessor bits for transfer. 1 cannot
be written to flags TDRE, RDRF, ORER, PER, and FER; they can only be cleared. Some bit
functions of SSR differ between normal serial communication interface mode and smart card
interface mode.
• Normal Serial Communication Interface Mode (When SMIF in SCMR is 0)
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
1
R/W
Transmit Data Register Empty
Displays whether TDR contains transmit data.
[Setting conditions]
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR and data
can be written to TDR
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DTC is activated by a TXI interrupt
request and writes data to TDR
6
RDRF
0
R/W
Receive Data Register Full
Indicates that the received data is stored in RDR.
[Setting condition]
• When serial reception ends normally and receive
data is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF = 1
• When the DTC is activated by an RXI interrupt and
transferred data from RDR
The RDRF flag is not affected and retains their previous
values when the RE bit in SCR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com