| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 417 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 417 Page - Renesas Technology Corp |
|
417 / 710 page ![]() Section 13 Serial Communication Interface (SCI) Rev. 1.00 Jan. 29, 2008 Page 377 of 666 REJ09B0427-0100 13.4.4 SCI Initialization (Asynchronous Mode) Before transmitting and receiving data, first clear the TE and RE bits in SCR to 0, then initialize the SCI as described below. When the operating mode, or transfer format, is changed for example, the TE and RE bits must be cleared to 0 before making the change using the following procedure. When the TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing the RE bit to 0 does not initialize the contents of the RDRF, PER, FER, and ORER flags, or the contents of RDR. When the external clock is used in asynchronous mode, the clock must be supplied even during initialization. Wait <Initialization completion> Start initialization Set data transfer format in SMR and SCMR [1] Set CKE1 and CKE0 bits in SCR (TE and RE bits are cleared to 0.) No Yes Set value in BRR Clear TE and RE bits in SCR to 0 [2] [3] Set TE and RE bits in SCR to 1, and set RIE, TIE, TEIE, and MPIE bits [4] 1-bit interval elapsed? [1] Set the clock selection in SCR. Be sure to clear bits RIE, TIE, TEIE, and MPIE, and bits TE and RE, to 0. When the clock is selected in asynchronous mode, it is output immediately after SCR settings are made. [2] Set the data transfer format in SMR and SCMR. [3] Write a value corresponding to the bit rate to BRR. Not necessary if an external clock is used. [4] Wait at least one bit interval, then set the TE bit or RE bit in SCR to 1. Also set the RIE, TIE, TEIE, and MPIE bits. Setting the TE and RE bits enables the TxD and RxD pins to be used. Figure 13.5 Sample SCI Initialization Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |