Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 417Page - Renesas Technology Corp HD6432607 Datasheet HTML 418Page - Renesas Technology Corp HD6432607 Datasheet HTML 419Page - Renesas Technology Corp HD6432607 Datasheet HTML 420Page - Renesas Technology Corp HD6432607 Datasheet HTML 421Page - Renesas Technology Corp HD6432607 Datasheet HTML 422Page - Renesas Technology Corp HD6432607 Datasheet HTML 423Page - Renesas Technology Corp HD6432607 Datasheet HTML 424Page - Renesas Technology Corp HD6432607 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 381 of 666
REJ09B0427-0100
Table 13.11 shows the states of the SSR status flags and receive data handling when a receive
error is detected. If a receive error is detected, the RDRF flag retains its state before receiving
data. Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the
ORER, FER, PER, and RDRF bits to 0 before resuming reception. Figure 13.9 shows a sample
flow chart for serial data reception.
Table 13.11 SSR Status Flags and Receive Data Handling
SSR Status Flag
RDRF*
ORER
FER
PER
Receive Data
Receive Error Type
1
1
0
0
Lost
Overrun error
0
0
1
0
Transferred to RDR
Framing error
0
0
0
1
Transferred to RDR
Parity error
1
1
1
0
Lost
Overrun error + framing error
1
1
0
1
Lost
Overrun error + parity error
0
0
1
1
Transferred to RDR
Framing error + parity error
1
1
1
1
Lost
Overrun error + framing error +
parity error
Note:
*
The RDRF flag retains the state it had before data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com