Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 444Page - Renesas Technology Corp HD6432607 Datasheet HTML 445Page - Renesas Technology Corp HD6432607 Datasheet HTML 446Page - Renesas Technology Corp HD6432607 Datasheet HTML 447Page - Renesas Technology Corp HD6432607 Datasheet HTML 448Page - Renesas Technology Corp HD6432607 Datasheet HTML 449Page - Renesas Technology Corp HD6432607 Datasheet HTML 450Page - Renesas Technology Corp HD6432607 Datasheet HTML 451Page - Renesas Technology Corp HD6432607 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 408 of 666
REJ09B0427-0100
13.7.7
Serial Data Reception (Except for Block Transfer Mode)
Data reception in smart card interface mode uses the same operation procedure as for normal serial
communication interface mode. Figure 13.29 illustrates the retransfer operation when the SCI is in
receive mode.
1. If an error is found when the received parity bit is checked, the PER bit in SSR is
automatically set to 1. If the RIE bit in SCR is set at this time, an ERI interrupt request is
generated. The PER bit in SSR should be kept cleared to 0 until the next parity bit is sampled.
2. The RDRF bit in SSR is not set for a frame in which an error has occurred.
3. If no error is found when the received parity bit is checked, the PER bit in SSR is not set to 1,
the receive operation is judged to have been completed normally, and the RDRF flag in SSR is
automatically set to 1. If the RIE bit in SCR is enabled at this time, an RXI interrupt request is
generated.
Figure 13.30 shows a flowchart for reception. A sequence of receive operations can be performed
automatically by specifying the DTC to be activated using an RXI interrupt source. In a receive
operation, an RXI interrupt request is generated when the RDRF flag in SSR is set to 1. If the RXI
request is designated beforehand as a DTC activation source, the DTC will be activated by the
RXI request, and the receive data will be transferred. The RDRF flag is cleared to 0 automatically
when data is transferred by the DTC. If an error occurs in receive mode and the ORER or PER
flag is set to 1, a transfer error interrupt (ERI) request will be generated. Hence, so the error flag
must be cleared to 0. In the event of an error, the DTC is not activated and receive data is skipped.
Therefore, receive data is transferred for only the specified number of bytes in the event of an
error. Even when a parity error occurs in receive mode and the PER flag is set to 1, the data that
has been received is transferred to RDR and can be read from there.
Note:
For details on receive operations in block transfer mode, see section 13.4, Operation in
Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
RDRF
[1]
PER
[2]
[3]
[4]
Figure 13.29 Retransfer Operation in SCI Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com