Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 454Page - Renesas Technology Corp HD6432607 Datasheet HTML 455Page - Renesas Technology Corp HD6432607 Datasheet HTML 456Page - Renesas Technology Corp HD6432607 Datasheet HTML 457Page - Renesas Technology Corp HD6432607 Datasheet HTML 458Page - Renesas Technology Corp HD6432607 Datasheet HTML 459Page - Renesas Technology Corp HD6432607 Datasheet HTML 460Page - Renesas Technology Corp HD6432607 Datasheet HTML 461Page - Renesas Technology Corp HD6432607 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 418 of 666
REJ09B0427-0100
Before making the transition from the transmission mode using DTC transfer to module stop,
software standby, watch, sub-active, or sub-sleep mode, stop all transmit operations (TE = TIE =
TEIE = 0). Setting TE and TIE to 1 after mode cancellation generates a TXI interrupt request to
start transmission using the DTC.
Start transmission
Transmission
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to software standby mode etc.
Cancel software standby mode etc.
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting TE to 1, reading SSR,
writing to TDR, and clearing
TDRE to 0 after mode
cancellation; however, if the DTC
has been initiated, the data
remaining in DTC RAM will be
transmitted when TE and TIE are
set to 1.
[2] Also clear TIE and TEIE to 0
when they are 1.
[3] Module stop, watch, sub-active,
and sub-sleep modes are
included.
Figure 13.34 Sample Flowchart for Mode Transition during Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com