Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 455Page - Renesas Technology Corp HD6432607 Datasheet HTML 456Page - Renesas Technology Corp HD6432607 Datasheet HTML 457Page - Renesas Technology Corp HD6432607 Datasheet HTML 458Page - Renesas Technology Corp HD6432607 Datasheet HTML 459Page - Renesas Technology Corp HD6432607 Datasheet HTML 460Page - Renesas Technology Corp HD6432607 Datasheet HTML 461Page - Renesas Technology Corp HD6432607 Datasheet HTML 462Page - Renesas Technology Corp HD6432607 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 419 of 666
REJ09B0427-0100
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 13.35 Pin States during Transmission in Asynchronous Mode (Internal Clock)
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note: Initialized in software standby mode
Figure 13.36 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)
Reception: Before making the transition to module stop, software standby, watch, sub-active, or
sub-sleep mode, stop reception (RE = 0). RSR, RDR, and SSR are reset. If transition is made
during data reception, the data being received will be invalid.
To receive data in the same reception mode after mode cancellation, set RE to 1, and then start
reception. To receive data in a different reception mode, initialize the SCI first.
Figure 13.37 shows a sample flowchart for mode transition during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com