Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 459Page - Renesas Technology Corp HD6432607 Datasheet HTML 460Page - Renesas Technology Corp HD6432607 Datasheet HTML 461Page - Renesas Technology Corp HD6432607 Datasheet HTML 462Page - Renesas Technology Corp HD6432607 Datasheet HTML 463Page - Renesas Technology Corp HD6432607 Datasheet HTML 464Page - Renesas Technology Corp HD6432607 Datasheet HTML 465Page - Renesas Technology Corp HD6432607 Datasheet HTML 466Page - Renesas Technology Corp HD6432607 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 710 page
background image
Section 14 I
2C Bus Interface
Rev. 1.00 Jan. 29, 2008 Page 423 of 666
REJ09B0427-0100
Section 14 I
2C Bus Interface
This LSI has a two-channel I
2C bus interface.
The conforms to and provides a subset of the Philips I
2C bus (inter-IC bus) interface functions.
The register configuration that controls the I
2C bus differs partly from the Philips configuration,
however.
Each I
2C bus interface channel uses only one data line (SDA) and one clock line (SCL) to transfer
data, saving board and connector space.
14.1
Features
• Selection of addressing format or non-addressing format
 I2C bus format: addressing format with acknowledge bit, for master/slave operation
 Serial format: non-addressing format without acknowledge bit, for master operation only
• Conforms to Philips I2C bus interface (I2C bus format)
• Two ways of setting slave address (I2C bus format)
• Start and stop conditions generated automatically in master mode (I2C bus format)
• Selection of acknowledge output levels when receiving (I2C bus format)
• Automatic loading of acknowledge bit when transmitting (I2C bus format)
• Wait function in master mode (I2C bus format)
 A wait can be inserted by driving the SCL pin low after data transfer, excluding
acknowledgement. The wait can be cleared by clearing the interrupt flag.
• Wait function in slave mode (I2C bus format)
 A wait request can be generated by driving the SCL pin low after data transfer, excluding
acknowledgement. The wait request is cleared when the next transfer becomes possible.
• Three interrupt sources
 Data transfer end (including transmission mode transition with I2C bus format and address
reception after loss of master arbitration)
 Address match: when any slave address matches or the general call address is received in
slave receive mode (I
2C bus format)
 Stop condition detection
• Selection of 16 internal clocks (in master mode)
• Direct bus drive (with SCL and SDA pins)
 Two pins—P35/SCL0 and P34/SDA0—(normally NMOS push-pull outputs) function as
NMOS open-drain outputs when the bus drive function is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com