Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 463Page - Renesas Technology Corp HD6432607 Datasheet HTML 464Page - Renesas Technology Corp HD6432607 Datasheet HTML 465Page - Renesas Technology Corp HD6432607 Datasheet HTML 466Page - Renesas Technology Corp HD6432607 Datasheet HTML 467Page - Renesas Technology Corp HD6432607 Datasheet HTML 468Page - Renesas Technology Corp HD6432607 Datasheet HTML 469Page - Renesas Technology Corp HD6432607 Datasheet HTML 470Page - Renesas Technology Corp HD6432607 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 710 page
background image
Section 14 I
2C Bus Interface
Rev. 1.00 Jan. 29, 2008 Page 427 of 666
REJ09B0427-0100
14.3
Register Configuration
The I
2C bus interface consists of the following registers per channel.
ICDR, SARX, and ICMR are assigned to the same address. Register selection is performed by
means of the IICE bit in the serial control register X (SCRX).
• I2C bus control register (ICCR)
• I2C bus status register (ICSR)
• I2C bus data register (ICDR)
• I2C bus mode register (ICMR)
• Slave address register (SAR)
• Second slave address register (SARX)
• Serial control register X (SCRX)
• DDC switch register (DDCSWR)
14.3.1
I
2C Bus Data Register (ICDR)
ICDR is an 8-bit readable/writable register that functions as a transmit data register when
transmitting and a receive data register when receiving. ICDR is divided internally into a shift
register (ICDRS), receive buffer (ICDRR), and transmit buffer (ICDRT). ICDRS cannot be read
or written by the CPU, ICDRR is read-only, and ICDRT is write-only. Data transfers among the
three registers are performed automatically in coordination with changes in the bus state, and
affect the status of internal flags such as TDRE and RDRF.
If IIC is in transmit mode and the next data is in ICDRT (the TDRE flag is 0) following
transmission/reception of one frame of data using ICDRS, data is transferred automatically from
ICDRT to ICDRS. If IIC is in receive mode and no previous data remains in ICDRR (the RDRF
flag is 0) following transmission/reception of one frame of data using ICDRS, data is transferred
automatically from ICDRS to ICDRR.
If the number of bits in a frame, excluding the acknowledge bit, is less than 8, transmit data and
receive data are stored differently. Transmit data should be written justified toward the MSB side
when MLS = 0, and toward the LSB side when MLS = 1. Receive data bits read from the LSB
side should be treated as valid when MLS = 0, and bits read from the MSB side when MLS = 1.
ICDR is assigned to the same address as SARX, and can be written and read only when the ICE
bit is set to 1 in ICCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com