Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 460Page - Renesas Technology Corp HD6432607 Datasheet HTML 461Page - Renesas Technology Corp HD6432607 Datasheet HTML 462Page - Renesas Technology Corp HD6432607 Datasheet HTML 463Page - Renesas Technology Corp HD6432607 Datasheet HTML 464Page - Renesas Technology Corp HD6432607 Datasheet HTML 465Page - Renesas Technology Corp HD6432607 Datasheet HTML 466Page - Renesas Technology Corp HD6432607 Datasheet HTML 467Page - Renesas Technology Corp HD6432607 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 710 page
background image
Section 14 I
2C Bus Interface
Rev. 1.00 Jan. 29, 2008 Page 424 of 666
REJ09B0427-0100
 Two pins—P33/SCL1 and P32/SDA1—(normally CMOS pins) function as NMOS-only
outputs when the bus drive function is selected.
Figure 14.1 shows a block diagram of the I
2C bus interface.
Figure 14.2 shows an example of I/O pin connections to external circuits. Channel 0 I/O pins are
NMOS open drains, and it is possible to apply voltages in excess of the power supply (V
CC)
voltage for this LSI. Set the upper limit of voltage applied to the power supply (V
CC) power supply
range + 0.3 V, i.e. 5.8 V. Channel 1 I/O pins are driven solely by NMOS, so in terms of
appearance they carry out the same operations as an NMOS open drain. However, the voltage
which can be applied to the I/O pins depends on the voltage of the power supply (V
CC) of this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com