Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 127Page - Renesas Technology Corp HD6432607 Datasheet HTML 128Page - Renesas Technology Corp HD6432607 Datasheet HTML 129Page - Renesas Technology Corp HD6432607 Datasheet HTML 130Page - Renesas Technology Corp HD6432607 Datasheet HTML 131Page - Renesas Technology Corp HD6432607 Datasheet HTML 132Page - Renesas Technology Corp HD6432607 Datasheet HTML 133Page - Renesas Technology Corp HD6432607 Datasheet HTML 134Page - Renesas Technology Corp HD6432607 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 710 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Jan. 29, 2008 Page 91 of 666
REJ09B0427-0100
5.6.4
Interrupt Response Times
Table 5.4 shows interrupt response times - the interval between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The execution status
symbols used in table 5.4 are explained in table 5.5.
This LSI is capable of fast word transfer to on-chip memory, has the program area in on-chip
ROM and the stack area in on-chip RAM, enabling high-speed processing.
Table 5.4
Interrupt Response Times
Normal Mode*
5
Advanced Mode
No.
Execution Status
Interrupt
control
mode 0
Interrupt
control
mode 2
Interrupt
control
mode 0
Interrupt
control
mode 2
1
Interrupt priority determination*
1
3
3
3
3
2
Number of wait states until executing
instruction ends*
2
1 to 19 +2·S
I 1 to 19+2·SI
1 to 19+2·S
I
1 to 19+2·S
I
3
PC, CCR, EXR stack save
2·S
K
3·S
K
2·S
K
3·S
K
4
Vector fetch
S
I
S
I
2·S
I
2·S
I
5
Instruction fetch*
3
2·S
I
2·S
I
2·S
I
2·S
I
6
Internal processing*
4
2
2
2
2
Total (using on-chip memory)
11 to 31
12 to 32
12 to 32
13 to 33
Notes: 1. Two states in case of internal interrupt.
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and interrupt handling routine prefetch.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
5. Not available in this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com