Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 129Page - Renesas Technology Corp HD6432607 Datasheet HTML 130Page - Renesas Technology Corp HD6432607 Datasheet HTML 131Page - Renesas Technology Corp HD6432607 Datasheet HTML 132Page - Renesas Technology Corp HD6432607 Datasheet HTML 133Page - Renesas Technology Corp HD6432607 Datasheet HTML 134Page - Renesas Technology Corp HD6432607 Datasheet HTML 135Page - Renesas Technology Corp HD6432607 Datasheet HTML 136Page - Renesas Technology Corp HD6432607 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 710 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Jan. 29, 2008 Page 93 of 666
REJ09B0427-0100
5.7
Usage Notes
5.7.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to disable interrupts, the disabling becomes effective
after execution of the instruction.
When an interrupt enable bit is cleared to 0 by an instruction such as BCLR or MOV, and if an
interrupt is generated during execution of the instruction, the interrupt concerned will still be
enabled on completion of the instruction, and so interrupt exception handling for that interrupt will
be executed on completion of the instruction. However, if there is an interrupt request of higher
priority than that interrupt, interrupt exception handling will be executed for the higher-priority
interrupt, and the lower-priority interrupt will be ignored.
The same also applies when an interrupt source flag is cleared to 0.
Figure 5.6 shows an example in which the TCIEV bit in TIER_0 of the TPU is cleared to 0.
The above conflict will not occur if an enable bit or interrupt source flag is cleared to 0 while the
interrupt is masked.
Internal
address bus
Internal
write signal
φ
TCIEV
TCFV
TCIV
interrupt signal
TIER_0 write cycle by CPU
TCIVexception handling
TIER_0 address
Figure 5.6 Conflict between Interrupt Generation and Disabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com