Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 133Page - Renesas Technology Corp HD6432607 Datasheet HTML 134Page - Renesas Technology Corp HD6432607 Datasheet HTML 135Page - Renesas Technology Corp HD6432607 Datasheet HTML 136Page - Renesas Technology Corp HD6432607 Datasheet HTML 137Page - Renesas Technology Corp HD6432607 Datasheet HTML 138Page - Renesas Technology Corp HD6432607 Datasheet HTML 139Page - Renesas Technology Corp HD6432607 Datasheet HTML 140Page - Renesas Technology Corp HD6432607 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 710 page
background image
Section 6 PC Break Controller (PBC)
Rev. 1.00 Jan. 29, 2008 Page 97 of 666
REJ09B0427-0100
6.2.2
Break Address Register B (BARB)
BARB is the channel B break address register. The bit configuration is the same as for BARA.
6.2.3
Break Control Register A (BCRA)
BCRA controls channel A PC breaks. BCRA also contains a condition match flag.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMFA
0
R/W
Condition Match Flag A
[Setting condition]
When a condition set for channel A is satisfied
[Clearing condition]
When 0 is written to CMFA after reading CMFA = 1
6
CDA
0
R/W
CPU Cycle/DTC Cycle Select A
Selects the channel A break condition bus master.
0: CPU
1: CPU or DTC
5
4
3
BAMRA2
BAMRA1
BAMRA0
0
0
0
R/W
R/W
R/W
Break Address Mask Register A2 to A0
These bits specify which bits of the break address set in
BARA are to be masked.
000: BAA23 to BAA0 (All bits are unmasked)
001: BAA23 to BAA1 (Lowest bit is masked)
010: BAA23 to BAA2 (Lower 2 bits are masked)
011: BAA23 to BAA3 (Lower 3 bits are masked)
100: BAA23 to BAA4 (Lower 4 bits are masked)
101: BAA23 to BAA8 (Lower 8 bits are masked)
110: BAA23 to BAA12 (Lower 12 bits are masked)
111: BAA23 to BAA16 (Lower 16 bits are masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com