Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 134Page - Renesas Technology Corp HD6432607 Datasheet HTML 135Page - Renesas Technology Corp HD6432607 Datasheet HTML 136Page - Renesas Technology Corp HD6432607 Datasheet HTML 137Page - Renesas Technology Corp HD6432607 Datasheet HTML 138Page - Renesas Technology Corp HD6432607 Datasheet HTML 139Page - Renesas Technology Corp HD6432607 Datasheet HTML 140Page - Renesas Technology Corp HD6432607 Datasheet HTML 141Page - Renesas Technology Corp HD6432607 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 710 page
background image
Section 6 PC Break Controller (PBC)
Rev. 1.00 Jan. 29, 2008 Page 98 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
1
CSELA1
CSELA0
0
0
R/W
R/W
Break Condition Select A
Selects break condition of channel A.
00: Instruction fetch is used as break condition
01: Data read cycle is used as break condition
10: Data write cycle is used as break condition
11: Data read/write cycle is used as break condition
0
BIEA
0
R/W
Break Interrupt Enable A
When this bit is 1, the PC break interrupt request of
channel A is enabled.
6.2.4
Break Control Register B (BCRB)
BCRB is the channel B break control register. The bit configuration is the same as for BCRA.
6.3
Operation
The operation flow from break condition setting to PC break interrupt exception handling is
shown in section 6.3.1, PC Break Interrupt Due to Instruction Fetch, and 6.3.2, PC Break Interrupt
Due to Data Access, taking the example of channel A.
6.3.1
PC Break Interrupt Due to Instruction Fetch
1. Set the break address in BARA.
For a PC break caused by an instruction fetch, set the address of the first instruction byte as the
break address.
2. Set the break conditions in BCR.
Set bit 6 (CDA) to 0 to select the CPU because the bus master must be the CPU for a PC break
caused by an instruction fetch. Set the address bits to be masked to bits 3 to 5 (BAMA0 to
BAMA2). Set bits 1 and 2 (CSELA0 and CSELA1) to 00 to specify an instruction fetch as the
break condition. Set bit 0 (BIEA) to 1 to enable break interrupts.
3. When the instruction at the set address is fetched, a PC break request is generated immediately
before execution of the fetched instruction, and the condition match flag (CMFA) is set.
4. After priority determination by the interrupt controller, PC break interrupt exception handling
is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com