| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 139 Page - Renesas Technology Corp |
|
139 / 710 page ![]() Section 6 PC Break Controller (PBC) Rev. 1.00 Jan. 29, 2008 Page 99 of 666 REJ09B0427-0100 6.3.2 PC Break Interrupt Due to Data Access 1. Set the break address in BARA. For a PC break caused by a data access, set the target ROM, RAM, I/O, or external address space address as the break address. Stack operations and branch address reads are included in data accesses. 2. Set the break conditions in BCRA. Select the bus master with bit 6 (CDA). Set the address bits to be masked to bits 3 to 5 (BAMA BAMA0 to BAMA2). Set bits 1 and 2 (CSELA0 and CSELA1) to 01, 10, or 11 to specify data access as the break condition. Set bit 0 (BIEA) to 1 to enable break interrupts. 3. After execution of the instruction that performs a data access on the set address, a PC break request is generated and the condition match flag (CMFA) is set. 4. After priority determination by the interrupt controller, PC break interrupt exception handling is started. 6.3.3 PC Break Operation at Consecutive Data Transfer • When a PC break interrupt is generated at the transfer address of an EEPMOV.B instruction PC break exception handling is executed after all data transfers have been completed and the EEPMOV.B instruction has ended. • When a PC break interrupt is generated at a DTC transfer address PC break exception handling is executed after the DTC has completed the specified number of data transfers, or after data for which the DISEL bit is set to 1 has been transferred. 6.3.4 Operation in Transitions to Power-Down Modes The operation when a PC break interrupt is set for an instruction fetch at the address after a SLEEP instruction is shown below. 1. When the SLEEP instruction causes a transition from high-speed (medium-speed) mode to sleep mode, or from subactive mode to subsleep mode: After execution of the SLEEP instruction, a transition is not made to sleep mode or subsleep mode, and PC break interrupt handling is executed. After execution of PC break interrupt handling, the instruction at the address after the SLEEP instruction is executed (figure 6-2 (A)). 2. When the SLEEP instruction causes a transition from high-speed (medium-speed) mode to subactive mode: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |