Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 137Page - Renesas Technology Corp HD6432607 Datasheet HTML 138Page - Renesas Technology Corp HD6432607 Datasheet HTML 139Page - Renesas Technology Corp HD6432607 Datasheet HTML 140Page - Renesas Technology Corp HD6432607 Datasheet HTML 141Page - Renesas Technology Corp HD6432607 Datasheet HTML 142Page - Renesas Technology Corp HD6432607 Datasheet HTML 143Page - Renesas Technology Corp HD6432607 Datasheet HTML 144Page - Renesas Technology Corp HD6432607 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 710 page
background image
Section 6 PC Break Controller (PBC)
Rev. 1.00 Jan. 29, 2008 Page 101 of 666
REJ09B0427-0100
6.3.5
When Instruction Execution Is Delayed by One State
While the break interrupt enable bit is set to 1, instruction execution is one state later than usual.
• For 1-word branch instructions (Bcc d:8, BSR, JSR, JMP, TRAPA, RTE, and RTS) in on-chip
ROM or RAM.
• When break interrupt by instruction fetch is set, the set address indicates on-chip ROM or
RAM space, and that address is used for data access, the instruction will be one state later than
in normal operation.
• When break interrupt by instruction fetch is set and a break interrupt is generated, if the
executing instruction immediately preceding the set instruction has one of the addressing
modes shown below, and that address indicates on-chip ROM or RAM, the instruction will be
one state later than in normal operation.
Addressing modes: @ERn, @(d:16,ERn), @(d:32,ERn), @-ERn/ERn+, @aa:8, @aa:24,
@aa:32, @(d:8,PC), @(d:16,PC), @@aa:8
• When break interrupt by instruction fetch is set and a break interrupt is generated, if the
executing instruction immediately preceding the set instruction is NOP or SLEEP, or has
#xx,Rn as its addressing mode, and that instruction is located in on-chip ROM or RAM, the
instruction will be one state later than in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com