Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 141Page - Renesas Technology Corp HD6432607 Datasheet HTML 142Page - Renesas Technology Corp HD6432607 Datasheet HTML 143Page - Renesas Technology Corp HD6432607 Datasheet HTML 144Page - Renesas Technology Corp HD6432607 Datasheet HTML 145Page - Renesas Technology Corp HD6432607 Datasheet HTML 146Page - Renesas Technology Corp HD6432607 Datasheet HTML 147Page - Renesas Technology Corp HD6432607 Datasheet HTML 148Page - Renesas Technology Corp HD6432607 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 105 of 666
REJ09B0427-0100
Section 7 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the external address space divided into
eight areas.
The bus controller also has a bus arbitration function, and controls the operation of the bus
masterships—the CPU and data transfer controller (DTC).
7.1
Features
• Manages external address space in area units
Manages the external address space divided into eight areas of 2 Mbytes
Bus specifications can be set independently for each area
Burst ROM interface can be set
• Basic bus interface
8-bit access or 16-bit access can be selected for each area
2-state access or 3-state access can be selected for each area
Program wait states can be inserted for each area
• Burst ROM interface
Burst ROM interface can be set for area 0
Choice of 1- or 2-state burst access
• Idle cycle insertion
An idle cycle can be inserted between external read cycles for different areas
An idle cycle can be inserted before an external write cycle immediately after an external read
cycle
• Bus arbitration function
Includes a bus arbiter that arbitrates bus mastership between the CPU and DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com