Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 144Page - Renesas Technology Corp HD6432607 Datasheet HTML 145Page - Renesas Technology Corp HD6432607 Datasheet HTML 146Page - Renesas Technology Corp HD6432607 Datasheet HTML 147Page - Renesas Technology Corp HD6432607 Datasheet HTML 148Page - Renesas Technology Corp HD6432607 Datasheet HTML 149Page - Renesas Technology Corp HD6432607 Datasheet HTML 150Page - Renesas Technology Corp HD6432607 Datasheet HTML 151Page - Renesas Technology Corp HD6432607 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 108 of 666
REJ09B0427-0100
7.3.1
Bus Width Control Register (ABWCR)
ABWCR designates each area in the external address space as either 8-bit access space or 16-bit
access space.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
ABW7
ABW6
ABW5
ABW4
ABW3
ABW2
ABW1
ABW0
1/0*
1/0*
1/0*
1/0*
1/0*
1/0*
1/0*
1/0*
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Area 7 to 0 Bus Width Control
These bits select whether the corresponding area is to
be designated as 8-bit access space or 16-bit access
space.
0: Area n is designated as 16-bit access space
1: Area n is designated as 8-bit access space
(n = 7 to 0)
Note
* Initial value is 0 in mode 4, and 1 in modes 5 to 7.
7.3.2
Access State Control Register (ASTCR)
ASTCR designates each area in the external address space as either 2-state access space or 3-state
access space.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
AST7
AST6
AST5
AST4
AST3
AST2
AST1
AST0
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Area 7 to 0 Access State Control
These bits select whether the corresponding area is to
be designated as 2-state access space or 3-state
access space. Wait state insertion is enabled or
disabled at the same time.
0: Area n is designated as 2-state access space
Wait state insertion in area n access is disabled
1: Area n is designated as 3-state access space
Wait state insertion in area n access is enabled
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com