Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 143Page - Renesas Technology Corp HD6432607 Datasheet HTML 144Page - Renesas Technology Corp HD6432607 Datasheet HTML 145Page - Renesas Technology Corp HD6432607 Datasheet HTML 146Page - Renesas Technology Corp HD6432607 Datasheet HTML 147Page - Renesas Technology Corp HD6432607 Datasheet HTML 148Page - Renesas Technology Corp HD6432607 Datasheet HTML 149Page - Renesas Technology Corp HD6432607 Datasheet HTML 150Page - Renesas Technology Corp HD6432607 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 107 of 666
REJ09B0427-0100
7.2
Input/Output Pins
Table 7.1 summarizes the pin configuration of the bus controller.
Table 7.1
Pin Configuration
Name
Symbol
I/O
Function
Address strobe
AS
Output
Strobe signal indicating that an external address
space is accessed and address output on
address bus is enabled.
Read
RD
Output
Strobe signal indicating that an external address
space is being read.
High write
HWR
Output
Strobe signal indicating that an external address
space is written to, and upper half (D15 to D8) of
data bus is enabled.
Low write
LWR
Output
Strobe signal indicating that an external address
space is written to, and lower half (D7 to D0) of
data bus is enabled.
7.3
Register Descriptions
The bus controller has the following registers.
• Bus width control register (ABWCR)
• Access state control register (ASTCR)
• Wait control register H (WTCRH)
• Wait control register L (WTCRL)
• Bus control register H (BCRH)
• Bus control register L (BCRL)
• Pin function control register (PFCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com