Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 147Page - Renesas Technology Corp HD6432607 Datasheet HTML 148Page - Renesas Technology Corp HD6432607 Datasheet HTML 149Page - Renesas Technology Corp HD6432607 Datasheet HTML 150Page - Renesas Technology Corp HD6432607 Datasheet HTML 151Page - Renesas Technology Corp HD6432607 Datasheet HTML 152Page - Renesas Technology Corp HD6432607 Datasheet HTML 153Page - Renesas Technology Corp HD6432607 Datasheet HTML 154Page - Renesas Technology Corp HD6432607 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 111 of 666
REJ09B0427-0100
7.3.4
Bus Control Register H (BCRH)
BCRH enables or disables idle cycle insertion and specifies the burst ROM interface.
Bit
Bit Name
Initial
Value
R/W
Description
7
ICIS1
1
R/W
Idle Cycle Insert 1
When consecutive external read cycles are performed
in different areas, an idle cycle can be inserted between
the bus cycles.
0: Idle cycle not inserted
1: Idle cycle inserted
6
ICIS0
1
R/W
Idle Cycle Insert 0
When an external read cycle and an external write cycle
are performed consecutively, an idle cycle can be
inserted between the bus cycles.
0: Idle cycle not inserted
1: Idle cycle inserted
5
BRSTRM
0
R/W
Burst ROM Enable
Selects whether the burst ROM interface is used for
area 0.
0: Basic bus interface for area 0
1: Burst ROM interface for area 0
4
BRSTS1
1
R/W
Burst Cycle Select 1
Selects the number of burst cycles for the burst ROM
interface.
0: 1 state for a burst cycle
1: 2 states for a burst cycle
3
BRSTS0
0
R/W
Burst Cycle Select 0
Selects the number of words that can be accessed in a
burst access with the burst ROM interface.
0: Maximum four words in burst access
1: Maximum eight words in burst access
2 to 0
—
All 0
R/W
Reserved
The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com