Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 149Page - Renesas Technology Corp HD6432607 Datasheet HTML 150Page - Renesas Technology Corp HD6432607 Datasheet HTML 151Page - Renesas Technology Corp HD6432607 Datasheet HTML 152Page - Renesas Technology Corp HD6432607 Datasheet HTML 153Page - Renesas Technology Corp HD6432607 Datasheet HTML 154Page - Renesas Technology Corp HD6432607 Datasheet HTML 155Page - Renesas Technology Corp HD6432607 Datasheet HTML 156Page - Renesas Technology Corp HD6432607 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 113 of 666
REJ09B0427-0100
7.3.6
Pin Function Control Register (PFCR)
PFCR controls the address output in expanded mode with on-chip ROM enabled.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
Reserved
The write value should always be 0.
3
2
1
0
AE3
AE2
AE1
AE0
0/1*
0/1*
0
0/1*
R/W
R/W
R/W
R/W
Address Output Enable 3 to 0
These bits enable or disable address outputs A8 to A23 in
expanded mode with on-chip ROM. When a pin is enabled
for address output, the address is output regardless of the
corresponding DDR setting. For a pin disabled for address
output, each becomes an output port when the
corresponding DDR bit is set to 1. For pins A7 to A0, each
becomes an address output when the corresponding DDR
bit is set to 1.
0000: A8 to A23 output disabled
0001: A8 output enabled; A9 to A23 output disabled
0010: A8 and A9 output enabled; A10 to A23 output disabled
0011: A8 to A10 output enabled; A11 to A23 output disabled
0100: A8 to A11 output enabled; A12 to A23 output disabled
0101: A8 to A12 output enabled; A13 to A23 output disabled
0110: A8 to A13 output enabled; A14 to A23 output disabled
0111: A8 to A14 output enabled; A15 to A23 output disabled
1000: A8 to A15 output enabled; A16 to A23 output disabled
1001: A8 to A16 output enabled; A17 to A23 output disabled
1010: A8 to A17 output enabled; A18 to A23 output disabled
1011: A8 to A18 output enabled; A19 to A23 output disabled
1100: A8 to A19 output enabled; A20 to A23 output disabled
1101: A8 to A20 output enabled; A21 to A23 output disabled
1110: A8 to A21 output enabled; A22 and A23 output
disabled
1111: A8 to A23 output enabled
Note:
*
In expanded mode with on-chip ROM enabled, bits 3 to 0 are initialized to B'0000. In
expanded mode with on-chip ROM disabled, bits 3 to 0 are initialized to B'1101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com