Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 153Page - Renesas Technology Corp HD6432607 Datasheet HTML 154Page - Renesas Technology Corp HD6432607 Datasheet HTML 155Page - Renesas Technology Corp HD6432607 Datasheet HTML 156Page - Renesas Technology Corp HD6432607 Datasheet HTML 157Page - Renesas Technology Corp HD6432607 Datasheet HTML 158Page - Renesas Technology Corp HD6432607 Datasheet HTML 159Page - Renesas Technology Corp HD6432607 Datasheet HTML 160Page - Renesas Technology Corp HD6432607 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 117 of 666
REJ09B0427-0100
Area 7: Area 7 includes the on-chip RAM and internal I/O registers. In externally expanded
mode, the space excluding the on-chip RAM and internal I/O registers is external address space.
The on-chip RAM is enabled when the RAME bit is set to 1 in the system control register
(SYSCR); when the RAME bit is cleared to 0, the on-chip RAM is disabled and the corresponding
addresses are in external address space.
Only the basic bus interface can be used for area 7.
7.5
Basic Bus Interface
The basic bus interface enables direct connection of ROM, SRAM, and so on.
7.5.1
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and when accessing external address space, controls
whether the upper data bus (D15 to D8) or lower data bus (D7 to D0) is used according to the bus
specifications for the area being accessed (8-bit access space or 16-bit access space) and the data
size.
8-Bit Access Space: Figure 7.3 illustrates data alignment control for the 8-bit access space. With
the 8-bit access space, the upper data bus (D15 to D8) is always used for accesses. The amount of
data that can be accessed at one time is one byte: a word access is performed as two byte accesses,
and a longword access, as four byte accesses.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
Figure 7.3 Access Sizes and Data Alignment Control (8-Bit Access Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com