Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 152Page - Renesas Technology Corp HD6432607 Datasheet HTML 153Page - Renesas Technology Corp HD6432607 Datasheet HTML 154Page - Renesas Technology Corp HD6432607 Datasheet HTML 155Page - Renesas Technology Corp HD6432607 Datasheet HTML 156Page - Renesas Technology Corp HD6432607 Datasheet HTML 157Page - Renesas Technology Corp HD6432607 Datasheet HTML 158Page - Renesas Technology Corp HD6432607 Datasheet HTML 159Page - Renesas Technology Corp HD6432607 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 116 of 666
REJ09B0427-0100
Table 7.2
Bus Specifications for Each Area (Basic Bus Interface)
ABWCR
ASTCR
WCRH, WCRL
Bus Specifications (Basic Bus Interface)
ABWn
ASTn
Wn1
Wn0
Bus Width
Access
States
Program Wait
States
0
0
—
—
16
2
0
1
0
0
3
0
1
1
1
0
2
1
3
1
0
—
—
8
2
0
1
0
0
3
0
1
1
1
0
2
1
3
(n = 0 to 7)
7.4.3
Memory Interfaces
The memory interfaces in this LSI allow direct connection of ROM, SRAM, and so on.
The initial state of each area is 3-state access space with the basic bus interface. The initial bus
width is selected according to the operating mode.
Area 0: Area 0 includes on-chip ROM in expanded mode with on-chip ROM enabled and the
space excluding on-chip ROM is external address space. In expanded mode with on-chip ROM
disabled, all of area 0 is external address space.
Either basic bus interface or burst ROM interface can be selected for area 0.
Areas 1 to 6: In externally expanded mode, areas 1 to 6 are all external address space.
Only the basic bus interface can be used for areas 1 to 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com