Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 154Page - Renesas Technology Corp HD6432607 Datasheet HTML 155Page - Renesas Technology Corp HD6432607 Datasheet HTML 156Page - Renesas Technology Corp HD6432607 Datasheet HTML 157Page - Renesas Technology Corp HD6432607 Datasheet HTML 158Page - Renesas Technology Corp HD6432607 Datasheet HTML 159Page - Renesas Technology Corp HD6432607 Datasheet HTML 160Page - Renesas Technology Corp HD6432607 Datasheet HTML 161Page - Renesas Technology Corp HD6432607 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 118 of 666
REJ09B0427-0100
16-Bit Access Space: Figure 7.4 illustrates data alignment control for the 16-bit access space.
With the 16-bit access space, the upper data bus (D15 to D8) and lower data bus (D7 to D0) are
used for accesses. The amount of data that can be accessed at one time is one byte or one word,
and a longword access is executed as two word accesses.
In byte access, whether the upper or lower data bus is used is determined by whether the address is
even or odd. The upper data bus is used for an even address, and the lower data bus for an odd
address.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
• Even address
Byte size
• Odd address
Figure 7.4 Access Sizes and Data Alignment Control (16-bit Access Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com