| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 140 Page - Renesas Technology Corp |
|
140 / 710 page ![]() Section 6 PC Break Controller (PBC) Rev. 1.00 Jan. 29, 2008 Page 100 of 666 REJ09B0427-0100 After execution of the SLEEP instruction, a transition is made to subactive mode via direct transition exception handling. After the transition, PC break interrupt handling is executed, then the instruction at the address after the SLEEP instruction is executed (figure 6-2 (B)). 3. When the SLEEP instruction causes a transition from subactive mode to high-speed (medium- speed) mode: After execution of the SLEEP instruction, and following the clock oscillation settling time, a transition is made to high-speed (medium-speed) mode via direct transition exception handling. After the transition, PC break interrupt handling is executed, then the instruction at the address after the SLEEP instruction is executed (figure 6.2 (C)). 4. When the SLEEP instruction causes a transition to software standby mode or watch mode: After execution of the SLEEP instruction, a transition is made to the respective mode, and PC break interrupt handling is not executed. However, the CMFA or CMFB flag is set (figure 6.2 (D)). SLEEP instruction execution High-speed (medium-speed) mode SLEEP instruction execution Subactive mode System clock → subclock Direct transition exception handling PC break exception handling Execution of instruction after sleep instruction Subclock → system clock, oscillation settling time SLEEP instruction execution Transition to respective mode Direct transition exception handling PC break exception handling Execution of instruction after sleep instruction PC break exception handling Execution of instruction after sleep instruction (A) (B) (C) (D) SLEEP instruction execution Figure 6.2 Operations in Power-Down Mode Transitions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |