Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 221Page - Renesas Technology Corp HD6432607 Datasheet HTML 222Page - Renesas Technology Corp HD6432607 Datasheet HTML 223Page - Renesas Technology Corp HD6432607 Datasheet HTML 224Page - Renesas Technology Corp HD6432607 Datasheet HTML 225Page - Renesas Technology Corp HD6432607 Datasheet HTML 226Page - Renesas Technology Corp HD6432607 Datasheet HTML 227Page - Renesas Technology Corp HD6432607 Datasheet HTML 228Page - Renesas Technology Corp HD6432607 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 185 of 666
REJ09B0427-0100
9.2.2
Port 3 Data Register (P3DR)
P3DR stores output data for the port 3 pins.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P35DR
P34DR
P33DR
P32DR
P31DR
P30DR
Undefined
Undefined
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
An output data for a pin is stored when the pin function
is specified to a general purpose output port.
9.2.3
Port 3 Register (PORT3)
PORT3 shows the pin states. It cannot be modified.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P35
P34
P33
P32
P31
P30
Undefined
Undefined
*
*
*
*
*
*
R
R
R
R
R
R
If this register read is performed while P3DDR bits are
set to 1, the P3DR values are read. If this register read
is performed while P3DDR bits are cleared to 0, the pin
states are read.
Note:
*
Determined by state of pins P35 to P30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com