Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 225Page - Renesas Technology Corp HD6432607 Datasheet HTML 226Page - Renesas Technology Corp HD6432607 Datasheet HTML 227Page - Renesas Technology Corp HD6432607 Datasheet HTML 228Page - Renesas Technology Corp HD6432607 Datasheet HTML 229Page - Renesas Technology Corp HD6432607 Datasheet HTML 230Page - Renesas Technology Corp HD6432607 Datasheet HTML 231Page - Renesas Technology Corp HD6432607 Datasheet HTML 232Page - Renesas Technology Corp HD6432607 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 189 of 666
REJ09B0427-0100
9.3
Port 4
Port 4 is an 8-bit input-only port. Port 4 pins also function as A/D converter analog input pins and
D/A converter analog output pins. Port 4 pin functions are the same in all operating modes.
• Port 4 Register (PORT4)
9.3.1
Port 4 Register (PORT4)
PORT4 is a read-only register that shows the pin states.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P47
P46
P45
P44
P43
P42
P41
P40
*
*
*
*
*
*
*
*
R
R
R
R
R
R
R
R
The pin states are always read when PORT4 read is
performed.
Note:
*
Determined by state of pins P47 to P40.
9.3.2
Pin Functions
Port 4 also functions as A/D converter analog input pins and D/A converter analog output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com