Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 228Page - Renesas Technology Corp HD6432607 Datasheet HTML 229Page - Renesas Technology Corp HD6432607 Datasheet HTML 230Page - Renesas Technology Corp HD6432607 Datasheet HTML 231Page - Renesas Technology Corp HD6432607 Datasheet HTML 232Page - Renesas Technology Corp HD6432607 Datasheet HTML 233Page - Renesas Technology Corp HD6432607 Datasheet HTML 234Page - Renesas Technology Corp HD6432607 Datasheet HTML 235Page - Renesas Technology Corp HD6432607 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 192 of 666
REJ09B0427-0100
9.5.2
Port A Data Register (PADR)
PADR stores output data for the port A pins.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PA3DR
PA2DR
PA1DR
PA0DR
Undefined
Undefined
Undefined
Undefined
0
0
0
0
R/W
R/W
R/W
R/W
An output data for a pin is stored when the pin function
is specified to a general purpose output port.
9.5.3
Port A Register (PORTA)
PORTA shows the pin states. It cannot be modified.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PA3
PA2
PA1
PA0
Undefined
Undefined
Undefined
Undefined
*
*
*
*
R
R
R
R
If this register read is performed while PADDR bits are
set to 1, the PADR values are read. If this register read
is performed while PADDR bits are cleared to 0, the pin
states are read.
Note:
*
Determined by state of pins PA3 to PA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com