Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 229Page - Renesas Technology Corp HD6432607 Datasheet HTML 230Page - Renesas Technology Corp HD6432607 Datasheet HTML 231Page - Renesas Technology Corp HD6432607 Datasheet HTML 232Page - Renesas Technology Corp HD6432607 Datasheet HTML 233Page - Renesas Technology Corp HD6432607 Datasheet HTML 234Page - Renesas Technology Corp HD6432607 Datasheet HTML 235Page - Renesas Technology Corp HD6432607 Datasheet HTML 236Page - Renesas Technology Corp HD6432607 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 193 of 666
REJ09B0427-0100
9.5.4
Port A Pull-Up MOS Control Register (PAPCR)
PAPCR controls the MOS input pull-up function incorporated into port A on an individual bit
basis.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PA3PCR
PA2PCR
PA1PCR
PA0PCR
Undefined
Undefined
Undefined
Undefined
0
0
0
0
R/W
R/W
R/W
R/W
In modes 4 to 6, if a pin is in the input state in
accordance with the settings of SCMR, SMR, SCR, and
PADDR in PFCR and SCI_2, setting the corresponding
PAPCR bit to 1 turns on the MOS input pull-up for that
pin.
In mode 7, if a pin is in the input state in accordance
with the setting of SCMR, SMR, SCR, and PADDR in
SCI_2, setting the corresponding PAPCR bit to 1 turns
on the MOS input pull-up for that pin.
9.5.5
Port A Open-Drain Control Register (PAODR)
PAODR controls output of port A.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PA3ODR
PA2ODR
PA1ODR
PA0ODR
Undefined
Undefined
Undefined
Undefined
0
0
0
0
R/W
R/W
R/W
R/W
When pins are not address outputs in accordance with
the setting of bits AE3 to AE0 in PFCR, setting a
PAODR bit makes the corresponding port A pin an
NMOS open-drain output, while clearing the bit to 0
makes the pin a CMOS output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com