Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 233Page - Renesas Technology Corp HD6432607 Datasheet HTML 234Page - Renesas Technology Corp HD6432607 Datasheet HTML 235Page - Renesas Technology Corp HD6432607 Datasheet HTML 236Page - Renesas Technology Corp HD6432607 Datasheet HTML 237Page - Renesas Technology Corp HD6432607 Datasheet HTML 238Page - Renesas Technology Corp HD6432607 Datasheet HTML 239Page - Renesas Technology Corp HD6432607 Datasheet HTML 240Page - Renesas Technology Corp HD6432607 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 197 of 666
REJ09B0427-0100
9.6
Port B
Port B is an 8-bit I/O port. Port B also functions as TPU I/O pins and address bus output pins. The
pin functions are determined by the operating mode.
Port B has a built-in MOS input pull-up function that can be controlled by software.
• Port B data direction register (PBDDR)
• Port B data register (PBDR)
• Port B register (PORTB)
• Port B pull-up MOS control register (PBPCR)
• Port B open-drain control register (PBODR)
9.6.1
Port B Data Direction Register (PBDDR)
PBDDR is a write-only register, the individual bits of which specify input or output for the pins of
port B. PBDDR cannot be read; if it is, an undefined value will be read.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PB7DDR
PB6DDR
PB5DDR
PB4DDR
PB3DDR
PB2DDR
PB1DDR
PB0DDR
0
0
0
0
0
0
0
0
W
W
W
W
W
W
W
W
In modes 4 to 6, in accordance with the setting in the
bits AE3 to AE0 in PFCR, corresponding port B pin is
an output pin regardless of the PBDDR setting. When
pins are not address outputs, setting a DDR bit to 1
makes the corresponding port B pin an output pin,
while clearing the bit to 0 makes the pin a an input
pin.
In mode 7, setting a PBDDR bit makes the
corresponding port B pin an output pin, while clearing
the bit to 0 makes the pin an input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com