| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 239 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 239 Page - Renesas Technology Corp |
|
239 / 710 page ![]() Section 9 I/O Ports Rev. 1.00 Jan. 29, 2008 Page 199 of 666 REJ09B0427-0100 9.6.4 Port B Pull-Up MOS Control Register (PBPCR) PBPCR controls the MOS input pull-up function incorporated into port B on an individual bit basis. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 PB7PCR PB6PCR PB5PCR PB4PCR PB3PCR PB2PCR PB1PCR PB0PCR 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W In modes 4 to 6, if a pin is in the input state in accordance with the settings in PFCR, TI OR of TPU, and in PBDDR, setting the corresponding PBPCR bit to 1 turns on the MOS input pull-up for that pin. In mode 7, if a pin is in the input state in accordance with the setting in TI OR of TPU and in PBDDR, setting the corresponding PBPCR bit to 1 turns on the MOS input pull-up for that pin. 9.6.5 Port B Open-Drain Control Register (PBODR) PBODR controls output of port B. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 PB7ODR PB6ODR PB5ODR PB4ODR PB3ODR PB2ODR PB1ODR PB0ODR 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W When pins are not address outputs in accordance with the setting of bits AE3 to AE0 in PFCR, setting a PBODR bit to 1 makes the corresponding port B pin an NMOS open-drain output, while clearing the bit to 0 makes the pin a CMOS output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |