Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 239Page - Renesas Technology Corp HD6432607 Datasheet HTML 240Page - Renesas Technology Corp HD6432607 Datasheet HTML 241Page - Renesas Technology Corp HD6432607 Datasheet HTML 242Page - Renesas Technology Corp HD6432607 Datasheet HTML 243Page - Renesas Technology Corp HD6432607 Datasheet HTML 244Page - Renesas Technology Corp HD6432607 Datasheet HTML 245Page - Renesas Technology Corp HD6432607 Datasheet HTML 246Page - Renesas Technology Corp HD6432607 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 203 of 666
REJ09B0427-0100
• PB4/A12/TIOCA4
The pin function is switched as shown below according to the combination of the operating mode,
bits AE3 to AE0 in PFCR, bits MD3 to MD0 in TMDR_4, bits IOA3 to IOB0 in TIOR_4, the
TPU channel 4 setting (by bits CCLR1 and CCLR0 in TCR_4), and bit PB4DDR.
Operating mode
Modes 4 to 6
AE3 to AE0
B'0000 to B'0100
B'0101 to B'1111
TPU channel 4
setting
Table below (1)
Table below (2)
PB4DDR
0
1
PB4 input
PB4 output
Pin function
TIOCA4 output
TIOCA4 input*
1
A12 Output
Operating
mode
Mode 7
TPU channel 4
setting
Table below (1)
Table below (2)
PB4DDR
0
1
PB4 input
PB4 output
Pin function
TIOCA4 output
TIOCA4 input*
1
TPU channel 4
setting
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'001x
B'0010
B'0011
IOA3 to IOA0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
Other than
B'xx00
Other than B'xx00
CCLR1, CCLR0
Other than
B'01
B'01
Output function
Output compare
output
PWM mode
1 output*
2
PWM mode
2 output
[Legend]
x:
Don't care
Notes: 1. TIOCA4 input when MD3 to MD0=B'0000, B'01xx, and IOA3 to IOA0=B'10xx.
2. TIOCB4 is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com