Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 243Page - Renesas Technology Corp HD6432607 Datasheet HTML 244Page - Renesas Technology Corp HD6432607 Datasheet HTML 245Page - Renesas Technology Corp HD6432607 Datasheet HTML 246Page - Renesas Technology Corp HD6432607 Datasheet HTML 247Page - Renesas Technology Corp HD6432607 Datasheet HTML 248Page - Renesas Technology Corp HD6432607 Datasheet HTML 249Page - Renesas Technology Corp HD6432607 Datasheet HTML 250Page - Renesas Technology Corp HD6432607 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 207 of 666
REJ09B0427-0100
• PB0/A8/TIOCA3
The pin function is switched as shown below according to the combination of the operating mode,
bits AE3 to AE0 in PFCR, bits MD3 to MD0 in TMDR_3, bits IOA3 to IOA0 in TIORH_3, the
TPU channel 3 setting (by bits CCLR2 to CCLR0 in TCR_3), and bit PB0DDR.
Operating mode
Modes 4 to 6
AE3 to AE0
B'0000
B'0001 to B'1111
TPU channel 3
setting
Table below (1)
Table below (2)
PB0DDR
0
1
PB0 input
PB0 output
Pin function
TIOCA3 output
TIOCA3 input*
1
A8 Output
Operating
mode
Mode 7
TPU channel 3
setting
Table below (1)
Table below (2)
PB0DDR
0
1
PB0 input
PB0 output
Pin function
TIOCA3 output
TIOCA3 input*
1
TPU channel 3
setting
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'001x
B'0010
B'0011
IOA3 to IOA0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
B'xx00
Other than
B'xx00
Other than B'xx00
CCLR1, CCLR0
Other than
B'001
B'001
Output function
Output compare
output
PWM mode 1
output*
2
PWM mode 2
output
[Legend]
x:
Don't care
Notes: 1. TIOCA3 input when MD3 to MD0=B'0000 and IOA3 to IOA0=B'10xx.
2. TIOCB3 is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com