| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 250 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 250 Page - Renesas Technology Corp |
|
250 / 710 page ![]() Section 9 I/O Ports Rev. 1.00 Jan. 29, 2008 Page 210 of 666 REJ09B0427-0100 9.7.4 Port C Pull-Up MOS Control Register (PCPCR) PCPCR controls the MOS input pull-up function incorporated into port C on an individual bit basis. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 PC7PCR PC6PCR PC5PCR PC4PCR PC3PCR PC2PCR PC1PCR PC0PCR 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W In modes 4 to 6, if a pin is in the input state in accordance with the settings in PFCR and in PCDDR, setting the corresponding PCPCR bit to 1 turns on the MOS input pull-up for that pin. In mode 7, if a pin is in the input state in accordance with the settings in PCDDR, setting the corresponding PCPCR bit to 1 turns on the MOS input pull-up for that pin. 9.7.5 Port C Open-Drain Control Register (PCODR) PCODR controls output of port C. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 PC7ODR PC6ODR PC5ODR PC4ODR PC3ODR PC2ODR PC1ODR PC0ODR 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W If PCODR is set to 1 by setting AE3 to AE0 in PFCR in mode other than address output mode, port C pins function as NMOS open drain outputs and when the setting is cleared to 0, the pins function as CMOS outputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |