Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 253Page - Renesas Technology Corp HD6432607 Datasheet HTML 254Page - Renesas Technology Corp HD6432607 Datasheet HTML 255Page - Renesas Technology Corp HD6432607 Datasheet HTML 256Page - Renesas Technology Corp HD6432607 Datasheet HTML 257Page - Renesas Technology Corp HD6432607 Datasheet HTML 258Page - Renesas Technology Corp HD6432607 Datasheet HTML 259Page - Renesas Technology Corp HD6432607 Datasheet HTML 260Page - Renesas Technology Corp HD6432607 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 217 of 666
REJ09B0427-0100
9.9.4
Port E Pull-Up MOS Control Register (PEPCR)
PEPCR controls the MOS input pull-up function incorporated into port E on an individual bit
basis.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
PE7PCR
PE6PCR
PE5PCR
PE4PCR
PE3PCR
PE2PCR
PE1PCR
PE0PCR
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
In modes 4 to 6 with 8-bit-bus mode selected, or in
mode 7, if a pin is in the input state in accordance with
the setting in PEDDR, setting the corresponding
PEPCR bit to 1 turns on the MOS input pull-up for that
pin.
(n
= 7 to 0)
9.9.5
Pin Functions
The correspondence between the register specification and the pin functions is shown below.
Operating
Mode
Modes 4 to 6
Mode 7
Bus width
setting
16-bit mode
8-bit mode
—
PEnDDR
—
0
1
0
1
Pin function
D7 to D0 I/O
PE7 to PE0
input
PE7 to PE0
output
PE7 to PE0
input
PE7 to PE0 output
(n
= 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com