Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 255Page - Renesas Technology Corp HD6432607 Datasheet HTML 256Page - Renesas Technology Corp HD6432607 Datasheet HTML 257Page - Renesas Technology Corp HD6432607 Datasheet HTML 258Page - Renesas Technology Corp HD6432607 Datasheet HTML 259Page - Renesas Technology Corp HD6432607 Datasheet HTML 260Page - Renesas Technology Corp HD6432607 Datasheet HTML 261Page - Renesas Technology Corp HD6432607 Datasheet HTML 262Page - Renesas Technology Corp HD6432607 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 219 of 666
REJ09B0427-0100
9.10.2
Port F Data Register (PFDR)
PFDR stores output data for the port F pins.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
PF7DR
PF6DR
PF5DR
PF4DR
PF3DR
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
An output data for a pin is stored when the pin function
is specified to a general purpose output port. Bit 2 and
bit 1 are reserved bits.
2
Undefined
Reserved
1
Undefined
Reserved
0
PF0DR
0
R/W
9.10.3
Port F Register (PORTF)
PORTF shows the pin states. It cannot be modified.
Bit
Bit Name
Initial Value
R/
W
Description
7
6
5
4
3
2
1
0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
Undefined *
Undefined *
Undefined *
Undefined *
Undefined *
Undefined *
Undefined *
Undefined *
R
R
R
R
R
R
R
R
If this register read is performed while PFDDR bits are
set to 1, the PFDR values are read. If this register read
is performed while PFDDR bits are cleared to 0, the pin
states are read.
Note:
*
Determined by state of pins PF7 to PF0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com