Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 34Page - Renesas Technology Corp SH7205 Datasheet HTML 35Page - Renesas Technology Corp SH7205 Datasheet HTML 36Page - Renesas Technology Corp SH7205 Datasheet HTML 37Page - Renesas Technology Corp SH7205 Datasheet HTML 38Page - Renesas Technology Corp SH7205 Datasheet HTML 39Page - Renesas Technology Corp SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 6 of 1868
REJ09B0372-0100
Items
Specification
Direct memory access
controller (DMAC)
• 14 channels:
Two-dimensional addressing supported on eight channels
• Transfer requests
Software trigger, on-chip peripheral I/O request, and requests from
external pins
• Number of bytes for transfer: 64 Mbytes at maximum
• Transfer data size
Single-data transfer: 8 bits, 16 bits, or 32 bits
Single-operand transfer: 1,2, 4, 8, 16, 32, 64, 128 units of data
Non-stop transfer: Until the byte counter reaches 0
• Transfer mode
 Cycle stealing mode (dual-address transfer): 3 clock cycles at
minimum per data transfer
 Pipelined transfer (dual-address transfer): 1 clock cycle at
minimum per data transfer
• Address direction control
Fixed, incremental, decremental, rotate, and two-dimensional
addressing
• Selectable DMA transfer condition
Single-operand transfer, consecutive operand transfer, and non-stop
transfer
• Reloading: source address, destination address, byte counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com