Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 22Page - Renesas Technology Corp SH7205 Datasheet HTML 23Page - Renesas Technology Corp SH7205 Datasheet HTML 24Page - Renesas Technology Corp SH7205 Datasheet HTML 25Page - Renesas Technology Corp SH7205 Datasheet HTML 26Page - Renesas Technology Corp SH7205 Datasheet HTML 27Page - Renesas Technology Corp SH7205 Datasheet HTML 28Page - Renesas Technology Corp SH7205 Datasheet HTML 29Page - Renesas Technology Corp SH7205 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 1904 page
background image
Rev. 1.00 Mar. 25, 2008 Page xxvi of xxxii
24.3.11 FIFO Port Control Registers (CFIFOCTR, D0FIFOCTR, D1FIFOCTR) .......... 1164
24.3.12 Interrupt Enable Register 0 (INTENB0)............................................................. 1167
24.3.13 Interrupt Enable Register 1 (INTENB1)............................................................. 1169
24.3.14 Interrupt Enable Register 2 (INTENB2)............................................................. 1171
24.3.15 BRDY Interrupt Enable Register (BRDYENB) ................................................. 1173
24.3.16 NRDY Interrupt Enable Register (NRDYENB) ................................................. 1175
24.3.17 BEMP Interrupt Enable Register (BEMPENB).................................................. 1177
24.3.18 SOF Output Configuration Register (SOFCFG)................................................. 1179
24.3.19 Interrupt Status Register 0 (INTSTS0) ............................................................... 1180
24.3.20 Interrupt Status Register 1 (INTSTS1) ............................................................... 1184
24.3.21 Interrupt Status Register 2 (INTSTS2) ............................................................... 1187
24.3.22 BRDY Interrupt Status Register (BRDYSTS).................................................... 1190
24.3.23 NRDY Interrupt Status Register (NRDYSTS) ................................................... 1194
24.3.24 BEMP Interrupt Status Register (BEMPSTS) .................................................... 1199
24.3.25 Frame Number Register (FRMNUM) ................................................................ 1201
24.3.26
µFrame Number Register (UFRMNUM) ........................................................... 1204
24.3.27 USB Address Register (USBADDR).................................................................. 1205
24.3.28 USB Request Type Register (USBREQ) ............................................................ 1206
24.3.29 USB Request Value Register (USBVAL) .......................................................... 1207
24.3.30 USB Request Index Register (USBINDX) ......................................................... 1208
24.3.31 USB Request Length Register (USBLENG) ...................................................... 1209
24.3.32 DCP Configuration Register (DCPCFG)............................................................ 1210
24.3.33 DCP Maximum Packet Size Register (DCPMAXP) .......................................... 1211
24.3.34 DCP Control Register (DCPCTR) ...................................................................... 1212
24.3.35 Pipe Window Select Register (PIPESEL)........................................................... 1221
24.3.36 Pipe Configuration Register (PIPECFG) ............................................................ 1222
24.3.37 Pipe Buffer Setting Register (PIPEBUF)............................................................ 1227
24.3.38 Pipe Maximum Packet Size Register (PIPEMAXP)........................................... 1229
24.3.39 Pipe Timing Control Register (PIPEPERI)......................................................... 1231
24.3.40 PIPEn Control Registers (PIPEnCTR) (n = 1 to 5)............................................. 1236
24.3.41 PIPEn Control Registers (PIPEnCTR) (n = 6 to 9)............................................. 1247
24.3.42 Transaction Counter Enable Registers (PIPEnTRE) (n = 1 to 5)........................ 1252
24.3.43 Transaction Counter Registers (PIPEnTRN) (n = 1 to 5) ................................... 1254
24.3.44 Device Address Configuration Registers (DEVADDn) (n = 0 to 9, A).............. 1256
24.3.45 USB AC Characteristics Switching Register 0 (USBACSWR0)........................ 1259
24.3.46 USB AC Characteristics Switching Register 1 (USBACSWR1)........................ 1260
24.4
Operation ......................................................................................................................... 1261
24.4.1 System Control ................................................................................................... 1261
24.4.2 Interrupt Functions.............................................................................................. 1263
24.4.3 Pipe Control ........................................................................................................ 1272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com