Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 67Page - Renesas Technology Corp SH7205 Datasheet HTML 68Page - Renesas Technology Corp SH7205 Datasheet HTML 69Page - Renesas Technology Corp SH7205 Datasheet HTML 70Page - Renesas Technology Corp SH7205 Datasheet HTML 71Page - Renesas Technology Corp SH7205 Datasheet HTML 72Page - Renesas Technology Corp SH7205 Datasheet HTML 73Page - Renesas Technology Corp SH7205 Datasheet HTML 74Page - Renesas Technology Corp SH7205 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 39 of 1868
REJ09B0372-0100
Classification
Symbol
I/O
Name
Function
CTx1, CTx0
O
CAN bus transmit
data
Output pin for transmit data on the
CAN bus.
Controller area
network
(RCAN-TL1)
CRx1, CRx0
I
CAN bus receive
data
Output pin for receive data on the
CAN bus.
AN7 to AN0
I
Analog input pins Analog input pins.
A/D converter
(ADC)
ADTRG
I
A/D conversion
trigger input
External trigger input pin for starting
A/D conversion.
D/A converter
(DAC)
DA1, DA0
O
Analog output
pins
Analog output pins.
AVcc
I
Analog power
supply
Power supply pins for the A/D
converter and D/A converter.
AVss
I
Analog ground
Ground pins for the A/D converter
and D/A converter.
Common to
analog circuits
AVref
I
Analog reference
voltage
Analog reference voltage pins for the
A/D converter and D/A converter.
FOE
O
Flash memory
output enable
Address latch enable: Asserted for
address output and negated for data
I/O.
Output enable: Asserted for data
input or status read.
FSC
O
Flash memory
serial clock
Read enable: Data is read on the
falling edge of this signal.
Serial clock: Data is inputs/output in
synchronization with this signal.
FCE
O
Flash memory
chip enable
Chip enable: Enables the flash
memory connected to this LSI.
AND/NAND
flash memory
controller
(FLCTL)
FCDE
O
Flash memory
command data
enable
Command latch enable: Asserted at
command output.
Command data enable: Asserted at
command output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com