Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 21Page - Renesas Technology Corp SH7205 Datasheet HTML 22Page - Renesas Technology Corp SH7205 Datasheet HTML 23Page - Renesas Technology Corp SH7205 Datasheet HTML 24Page - Renesas Technology Corp SH7205 Datasheet HTML 25Page - Renesas Technology Corp SH7205 Datasheet HTML 26Page - Renesas Technology Corp SH7205 Datasheet HTML 27Page - Renesas Technology Corp SH7205 Datasheet HTML 28Page - Renesas Technology Corp SH7205 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 1904 page
background image
Rev. 1.00 Mar. 25, 2008 Page xxv of xxxii
23.3.4 Address Register (FLADR) ................................................................................ 1081
23.3.5 Address Register 2 (FLADR2) ........................................................................... 1083
23.3.6 Data Counter Register (FLDTCNTR)................................................................. 1084
23.3.7 Data Register (FLDATAR)................................................................................. 1085
23.3.8 Interrupt DMA Control Register (FLINTDMACR) ........................................... 1086
23.3.9 Ready Busy Timeout Setting Register (FLBSYTMR) ....................................... 1092
23.3.10 Ready Busy Timeout Counter (FLBSYCNT)..................................................... 1093
23.3.11 Data FIFO Register (FLDTFIFO)....................................................................... 1094
23.3.12 Control Code FIFO Register (FLECFIFO) ......................................................... 1095
23.3.13 Transfer Control Register (FLTRCR)................................................................. 1096
23.3.14 4-Symbol ECC Processing Result Register n (FL4ECCRESn) (n = 1 to 4) ....... 1097
23.3.15 4-Symbol ECC Control Register (FL4ECCCR) ................................................. 1099
23.3.16 4-Symbol ECC Error Count Register (FL4ECCCNT)........................................ 1100
23.4
Operation ......................................................................................................................... 1102
23.4.1 Access Sequence................................................................................................. 1102
23.4.2 Operating Modes................................................................................................. 1103
23.4.3 Register Setting Procedure.................................................................................. 1104
23.4.4 Command Access Mode ..................................................................................... 1105
23.4.5 Sector Access Mode............................................................................................ 1110
23.4.6 ECC Error Correction ......................................................................................... 1112
23.4.7 Status Read ......................................................................................................... 1117
23.5
Interrupt Sources.............................................................................................................. 1119
23.6
DMA Transfer Specifications .......................................................................................... 1120
23.7
Usage Notes ..................................................................................................................... 1121
23.7.1 Writing to the Control-Code Area when 4-Symbol ECC Circuit is in Use......... 1121
Section 24 USB 2.0 Host/Function Module (USB) .........................................1123
24.1
Features............................................................................................................................ 1123
24.2
Input/Output Pins ............................................................................................................. 1126
24.3
Register Description......................................................................................................... 1128
24.3.1 System Configuration Control Register 0 (SYSCFG0) ...................................... 1132
24.3.2 System Configuration Control Register 1 (SYSCFG1) ...................................... 1136
24.3.3 System Configuration Status Register 0 (SYSSTS0).......................................... 1138
24.3.4 System Configuration Status Register 1 (SYSSTS1).......................................... 1139
24.3.5 Device State Control Register 0 (DVSTCTR0) .................................................. 1141
24.3.6 Device State Control Register 1 (DVSTCTR1) .................................................. 1146
24.3.7 Test Mode Register (TESTMODE) .................................................................... 1150
24.3.8 DMA-FIFO Bus Configuration Registers (D0FBCFG, D1FBCFG) .................. 1153
24.3.9 FIFO Port Registers (CFIFO, D0FIFO, D1FIFO) .............................................. 1154
24.3.10 FIFO Port Select Registers (CFIFOSEL, D0FIFOSEL, D1FIFOSEL)............... 1156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com