Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 29Page - Renesas Technology Corp SH7205 Datasheet HTML 30Page - Renesas Technology Corp SH7205 Datasheet HTML 31Page - Renesas Technology Corp SH7205 Datasheet HTML 32Page - Renesas Technology Corp SH7205 Datasheet HTML 33Page - Renesas Technology Corp SH7205 Datasheet HTML 34Page - Renesas Technology Corp SH7205 Datasheet HTML 35Page - Renesas Technology Corp SH7205 Datasheet HTML 36Page - Renesas Technology Corp SH7205 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 1 of 1868
REJ09B0372-0100
Section 1 Overview
1.1
SH7205 Features
This LSI is a single-chip RISC (reduced instruction set computer) microcontroller that includes
two Renesas Technology-original RISC CPUs as its cores, and the peripheral functions required to
configure a system.
This LSI features a multi-processor architecture, that is, a dual-core architecture that includes two
units of SH-2A CPU, which provides upward compatibility for SH-1, SH-2, and SH-2E CPUs at
object code level. The SH-2A CPU has a RISC-type instruction set and uses a superscalar
architecture and a Harvard architecture, which greatly improves instruction execution speed. In
addition, the 32-bit internal-bus architecture that is independent from the direct memory access
controller (DMAC) enhances data processing power. This CPU brings the user the ability to set up
high-performance systems with strong functionality at less expense than was achievable with
previous microcontrollers, and is even able to handle realtime control applications requiring high-
speed characteristics.
This LSI includes a floating-point unit (FPU) and cache for each of the CPU cores (CPU0 and
CPU1). In addition, this LSI has on-chip peripheral functions necessary for system configuration:
64-Kbyte (CPU0) and 32-Kbyte (CPU1) RAM for high-speed operation, 16-Kbyte RAM for data
retention, an interrupt controller (INTC), a multi-function timer pulse unit 2 (MTU2), a compare
match timer (CMT), a realtime clock (RTC), a serial communication interface with FIFO (SCIF),
a synchronous serial communication unit (SSU), an I
2C bus interface 3 (IIC3), a serial sound
interface with FIFO (SSIF), a controller area network (RCAN-TL1), an A/D converter (ADC), a
D/A converter (DAC), an AND/NAND flash memory controller (FLCTL), a USB2.0
host/function module supporting two ports (USB), an AT attachment packet interface (ATAPI), a
2D engine (2DG), and I/O ports.
This LSI also provides an external memory access support function to enable direct connection to
various memory devices or peripheral LSIs. These on-chip functions significantly reduce costs of
designing and manufacturing application systems. Furthermore, I/O pins in this LSI have weak
keeper circuits that prevent the pin voltage from entering an intermediate potential range.
Therefore, no external circuits for fixing the input level are required, which reduces the number of
parts considerably.
The features of this LSI are listed in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com