Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 68Page - Renesas Technology Corp SH7205 Datasheet HTML 69Page - Renesas Technology Corp SH7205 Datasheet HTML 70Page - Renesas Technology Corp SH7205 Datasheet HTML 71Page - Renesas Technology Corp SH7205 Datasheet HTML 72Page - Renesas Technology Corp SH7205 Datasheet HTML 73Page - Renesas Technology Corp SH7205 Datasheet HTML 74Page - Renesas Technology Corp SH7205 Datasheet HTML 75Page - Renesas Technology Corp SH7205 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 40 of 1868
REJ09B0372-0100
Classification
Symbol
I/O
Name
Function
FRB
I
Flash memory
ready/busy
Ready/busy: High level indicates
ready state and low level indicates
busy state.
FWE
O
Flash memory
write enable
Write enable: Flash memory latches
commands, addresses, and data on
the falling edge.
AND/NAND
flash memory
controller
(FLCTL)
NAF7 to NAF0
I/O
Flash memory
data
Data I/O pins.
DP1, DP0
I/O
USB D+ data
USB bus D+ data.
DM1, DM0
I/O
USB D– data
USB bus D– data.
VBUS
I
VBUS input
Connected to Vbus on USB bus.
REFRIN
I
Reference input
Connected to USBAPVss via
5.6
±1%-kΩ resistance.
USB_X1
I
USB_X2
O
Crystal resonator/
external clock for
USB
Connected to a crystal resonator for
USB. An external clock signal may
also be input to the USB_X1 pin.
USBAPVcc
I
Power supply for
transceiver
analog pins
Power supply for pins.
USBAPVss
I
Ground for
transceiver
analog pins
Ground for pins.
USBAVcc
I
Power supply for
transceiver
analog core
Power supply for core.
USBAVss
I
Ground for
transceiver
analog core
Ground for core.
USB2.0
host/function
module (USB)
USBDVcc
I
Power supply for
transceiver digital
core
Power supply for core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com