Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 38Page - Renesas Technology Corp SH7205 Datasheet HTML 39Page - Renesas Technology Corp SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp SH7205 Datasheet HTML 43Page - Renesas Technology Corp SH7205 Datasheet HTML 44Page - Renesas Technology Corp SH7205 Datasheet HTML 45Page - Renesas Technology Corp SH7205 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 10 of 1868
REJ09B0372-0100
Items
Specification
On-chip RAM
• CPU0: 64-Kbyte memory for high-speed operation (16 Kbytes × 4)
• CPU1: 32-Kbyte memory for high-speed operation (16 Kbytes × 2)
• 16-Kbyte memory for data retention
I/O ports
• 96 I/Os and 11 inputs
• Input or output can be selected for each bit
• Internal weak keeper circuit
Power-down modes
• Six power-down modes provided to reduce power consumption of this
LSI
 Dual-processor mode
 Single-processor mode
 Dual sleep mode
 Software standby mode
 Deep standby mode
 Module standby mode
User debugging
interface (H-UDI)
• E10A emulator support
• JTAG-standard pin assignment
Power supply voltage
• Vcc: 1.1 to 1.3 V
• PVcc: 3.0 to 3.6 V
Packages
• 272-pin BGA, 17-mm square, and 0.8-mm pitch
JEITA Package Code: P-FBGA272-17
×17-0.80
Renesas Code: PRBG0272GA-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com