Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 23Page - Renesas Technology Corp SH7205 Datasheet HTML 24Page - Renesas Technology Corp SH7205 Datasheet HTML 25Page - Renesas Technology Corp SH7205 Datasheet HTML 26Page - Renesas Technology Corp SH7205 Datasheet HTML 27Page - Renesas Technology Corp SH7205 Datasheet HTML 28Page - Renesas Technology Corp SH7205 Datasheet HTML 29Page - Renesas Technology Corp SH7205 Datasheet HTML 30Page - Renesas Technology Corp SH7205 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1904 page
background image
Rev. 1.00 Mar. 25, 2008 Page xxvii of xxxii
24.4.4 FIFO Buffer ........................................................................................................ 1276
24.4.5 Control Transfers (DCP)..................................................................................... 1287
24.4.6 Bulk Transfers (PIPE1 to PIPE5)........................................................................ 1290
24.4.7 Interrupt Transfers (PIPE6 to PIPE9) ................................................................. 1290
24.4.8 Isochronous Transfers (PIPE1 and PIPE2) ......................................................... 1292
24.4.9 SOF Interpolation Function ................................................................................ 1297
24.5
Usage Notes ..................................................................................................................... 1298
24.5.1 Procedure for Setting the USB Transceiver ........................................................ 1298
Section 25 AT Attachment Packet Interface (ATAPI) ....................................1299
25.1
Features............................................................................................................................ 1299
25.2
Input/Output Pins ............................................................................................................. 1300
25.3
Register Description......................................................................................................... 1301
25.3.1 ATAPI Interface Registers.................................................................................. 1301
25.3.2 ATAPI Interface Control Register Map.............................................................. 1304
25.4
Operation ......................................................................................................................... 1319
25.4.1 Data Transfer Modes .......................................................................................... 1319
25.4.2 Initialization Procedure....................................................................................... 1320
25.4.3 PIO Transfer Mode Operation Procedure ........................................................... 1320
25.4.4 Multiword DMA Transfer Mode Operation Procedure ...................................... 1321
25.4.5 Ultra DMA Transfer Mode Operation Procedure ............................................... 1323
25.4.6 ATAPI Device Hardware Reset Procedure......................................................... 1325
25.5
DIRECTION Pin.............................................................................................................. 1326
25.6
Usage Note....................................................................................................................... 1326
Section 26 2D Graphics Engine (2DG) ...........................................................1327
26.1
Features............................................................................................................................ 1327
26.2
Input/Output Pins ............................................................................................................. 1329
26.3
Register Descriptions ....................................................................................................... 1330
26.3.1 Blit Function Setting Register for Graphics (GR_BLTPLY).............................. 1333
26.3.2 Mixing Function Setting Register for Graphics (GR_MIXPLY)........................ 1335
26.3.3 Operation Status Register for Graphics (GR_DOSTAT).................................... 1336
26.3.4 Interrupt Status Register for Graphics (GR_IRSTAT) ....................................... 1340
26.3.5 Interrupt Mask Control Register for Graphics (GR_INTMSK) .......................... 1345
26.3.6 Interrupt Reset Control Register for Graphics (GR_INTDIS) ............................ 1348
26.3.7 DMAC-Request Control Register for Graphics (GR_DMAC) ........................... 1351
26.3.8 Source A&B Read-In-Area Setting Register for Blitter (GR_SABSET)............ 1354
26.3.9 Destination C Write Area Setting Register for Blitter (GR_DCSET)................. 1356
26.3.10 Source E Read-In Area Setting Register for Output Block (MGR_SESET) ...... 1357
26.3.11 Pixel Format Setting Register for Graphics (GR_PIXLFMT) ............................ 1359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com