Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp SH7205 Datasheet HTML 43Page - Renesas Technology Corp SH7205 Datasheet HTML 44Page - Renesas Technology Corp SH7205 Datasheet HTML 45Page - Renesas Technology Corp SH7205 Datasheet HTML 46Page - Renesas Technology Corp SH7205 Datasheet HTML 47Page - Renesas Technology Corp SH7205 Datasheet HTML 48Page - Renesas Technology Corp SH7205 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 13 of 1868
REJ09B0372-0100
1.4
Pin Assignment
1
A
23456789
10
SH7205
272-pin BGA (16 thermal balls)
(Top perspective view)
11
12
13
14
15
16
17
18
19
B
20
123456789
10
11
12
13
14
15
16
17
18
19
20
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
Figure 1.2 Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com