Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 37Page - Renesas Technology Corp SH7205 Datasheet HTML 38Page - Renesas Technology Corp SH7205 Datasheet HTML 39Page - Renesas Technology Corp SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp SH7205 Datasheet HTML 43Page - Renesas Technology Corp SH7205 Datasheet HTML 44Page - Renesas Technology Corp SH7205 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 9 of 1868
REJ09B0372-0100
Items
Specification
USB2.0 host/function
module (USB)
• Conforms to the Universal Serial Bus Specification Revision 2.0
• USB bus supporting two ports
2-port host mode and 1-port function mode
• 480-Mbps, 12-Mbps, and 1.5-Mbps transfer rates (host mode)
• 480-Mbps and 12-Mbps transfer rates (function mode)
• Includes 10-Kbyte RAM as communication buffers
AT attachment packet
interface (ATAPI)
• Primary channel supported
• Master/slave supported
• PIO modes 0 to 4, multiword DMA modes 0 to 2, ultra DMA modes 0
to 2 supported
• Includes dedicated DMAC
• 32-byte double buffering
• 3.3-V I/O interface
2D engine (2DG)
• Accelerative functions
2-input 1-output blit, fill, chroma keying, logical operation, color
gradation handling, variable blending
• Resizing function
 Blit: bilinear/nearest-selectable independently for horizontal and
vertical directions, transformation rate settable in the range from
×1/2 to ×2, pre-filtering for moiré prevention can be turned on/off
 Image output: Cubic algorithm in horizontal direction only,
transformation rate settable in the range from
×1/3 to ×1
• Motion picture input
BT656 format (NTSC/PAL) input
• Superimposition of motion picture
Alpha-blends a graphic plane and motion picture and outputs in
RGB666 at a constant rate
• Blit input formats
αRGB444 (16 bits), αRGB555 (16 bits), and α (4 bits)
• Blit output formats
αRGB444 (16 bits) and αRGB555 (16 bits)
• Resolution of final output image
WQVGA (480
× 234) or QVGA (320 × 240)
• Video-out
Built-in DAC (6-bit resolution, operating frequency of 5 MHz to 12.5
MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com