Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 116Page - Renesas Technology Corp SH7205 Datasheet HTML 117Page - Renesas Technology Corp SH7205 Datasheet HTML 118Page - Renesas Technology Corp SH7205 Datasheet HTML 119Page - Renesas Technology Corp SH7205 Datasheet HTML 120Page - Renesas Technology Corp SH7205 Datasheet HTML 121Page - Renesas Technology Corp SH7205 Datasheet HTML 122Page - Renesas Technology Corp SH7205 Datasheet HTML 123Page - Renesas Technology Corp SH7205 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1904 page
background image
Section 2 CPU
Rev. 1.00 Mar. 25, 2008 Page 88 of 1868
REJ09B0372-0100
2.5
Processing States
The LSI has four CPU processing states: reset, dual-processor active, single-processor active, and
power-down. Figure 2.6 shows the transitions between the states.
Power-on reset from any state
other than deep standby mode
Note: * IRQ can be cancelled only by PC3 to PC0 or PJ3 to PJ0.
Manual reset from any state
other than deep standby mode
Power-on reset state
Manual reset state
Dual-sleep mode
Software standby mode
Deep standby mode
Dual-processor
mode
NMI interrupt or
IRQ interrupt
CPU0 executes
SLEEP instruction
with STBY bit set
and DEEP bit cleared
CPU0 executes
SLEEP instruction
with STBY and DEEP
bits set
CPU0 executes
SLEEP instruction
with STBY bit cleared
CPU0 executes
SLEEP instruction
with STBY bit
cleared
NMI interrupt,
IRQ interrupt*, or
manual reset
CPU1 executes
SLEEP instruction
CPU1 executes
SLEEP instruction
Interrupt
request to CPU1
Interrupt request
to CPU0
Interrupt request
to CPU1
Interrupt
request to CPU0
Interrupt request to CPU0 or CPU1
Reset state
Power-down state
Dual-processor
active state
Single-processor
active state
Single-processor 1
mode
Single-processor 0
mode
Figure 2.6 Transitions between Processing States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com