Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 351Page - Renesas Technology Corp SH7014 Datasheet HTML 352Page - Renesas Technology Corp SH7014 Datasheet HTML 353Page - Renesas Technology Corp SH7014 Datasheet HTML 354Page - Renesas Technology Corp SH7014 Datasheet HTML 355Page - Renesas Technology Corp SH7014 Datasheet HTML 356Page - Renesas Technology Corp SH7014 Datasheet HTML 357Page - Renesas Technology Corp SH7014 Datasheet HTML 358Page - Renesas Technology Corp SH7014 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 321 of 716
REJ09B0398-0500
φ (MHz)
7.3728
8
9.8304
Bit Rate
(Bits/s)
n
N
Error (
%)
n
N
Error (
%)
n
N
Error (
%)
110
2
130
−0.07
2
141
0.03
2
174
−0.26
150
2
95
0.00
2
103
0.16
2
127
0.00
300
1
191
0.00
1
207
0.16
1
255
0.00
600
1
95
0.00
1
103
0.16
1
127
0.00
1200
0
191
0.00
0
207
0.16
0
255
0.00
2400
0
95
0.00
0
103
0.16
0
127
0.00
4800
0
47
0.00
0
51
0.16
0
63
0.00
9600
0
23
0.00
0
25
0.16
0
31
0.00
14400
0
15
0.00
0
16
2.12
0
20
1.59
19200
0
11
0.00
0
12
0.16
0
15
0.00
28800
0
7
0.00
0
8
−3.55
0
10
−3.03
31250
0
6
5.33
0
7
0.00
0
9
−1.70
38400
0
5
0.00
0
6
−6.99
0
7
0.00
φ (MHz)
10
11.0592
12
Bit Rate
(Bits/s)
n
N
Error (
%)
n
N
Error (
%)
n
N
Error (
%)
110
2
177
−0.25
2
195
0.19
2
212
0.03
150
2
129
0.16
2
143
0.00
2
155
0.16
300
2
64
0.16
2
71
0.00
2
77
0.16
600
1
129
0.16
1
143
0.00
1
155
0.16
1200
1
64
0.16
1
71
0.00
1
77
0.16
2400
0
129
0.16
0
143
0.00
0
155
0.16
4800
0
64
0.16
0
71
0.00
0
77
0.16
9600
0
32
−1.36
0
35
0.00
0
38
0.16
14400
0
21
−1.36
0
23
0.00
0
25
0.16
19200
0
15
1.73
0
17
0.00
0
19
−2.34
28800
0
10
−1.36
0
11
0.00
0
12
0.16
31250
0
9
0.00
0
10
0.54
0
11
0.00
38400
0
7
1.73
0
8
0.00
0
9
−2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com