Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 347Page - Renesas Technology Corp SH7014 Datasheet HTML 348Page - Renesas Technology Corp SH7014 Datasheet HTML 349Page - Renesas Technology Corp SH7014 Datasheet HTML 350Page - Renesas Technology Corp SH7014 Datasheet HTML 351Page - Renesas Technology Corp SH7014 Datasheet HTML 352Page - Renesas Technology Corp SH7014 Datasheet HTML 353Page - Renesas Technology Corp SH7014 Datasheet HTML 354Page - Renesas Technology Corp SH7014 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 317 of 716
REJ09B0398-0500
Bit 6
⎯Receive Data Register Full (RDRF): Indicates that RDR contains received data.
Bit 6
RDRF
Description
0
RDR does not contain valid received data
(initial value)
[Clearing conditions]
• Power-on reset or standby mode
• When 0 is written to RDRF after reading RDRF = 1
• When DMAC reads data from RDR
1
RDR contains valid received data
[Setting condition]
When serial reception ends normally and receive data is transferred from RSR to
RDR
Note:
The RDR and RDRF are not affected by detection of receive errors or by clearing of the RE
bit to 0 in the serial control register. They retain their previous contents. If RDRF is still set
to 1 when reception of the next data ends, an overrun error (ORER) occurs and the
received data is lost.
Bit 5
⎯Overrun Error (ORER): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5
ORER
Description
0
Receiving is in progress or has ended normally*
1
(initial value)
[Clearing conditions]
• Power-on reset or standby mode
• When 0 is written to ORER after reading ORER = 1
1
A receive overrun error occurred
[Setting condition]
When the next serial reception is completed while RDRF = 1*
2
Notes: 1. The ORER flag is not affected and retains their previous values when the RE bit in SCR
is cleared to 0.
2. RDR continues to hold the data received before the overrun error, so subsequent
receive data is lost. Serial receiving cannot continue while ORER is set to 1. In the
clock synchronous mode, serial transmitting is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com