Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 345Page - Renesas Technology Corp SH7014 Datasheet HTML 346Page - Renesas Technology Corp SH7014 Datasheet HTML 347Page - Renesas Technology Corp SH7014 Datasheet HTML 348Page - Renesas Technology Corp SH7014 Datasheet HTML 349Page - Renesas Technology Corp SH7014 Datasheet HTML 350Page - Renesas Technology Corp SH7014 Datasheet HTML 351Page - Renesas Technology Corp SH7014 Datasheet HTML 352Page - Renesas Technology Corp SH7014 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 315 of 716
REJ09B0398-0500
Bit 2
⎯Transmit-End Interrupt Enable (TEIE): Enables or disables the transmit-end interrupt
(TEI) requested if TDR does not contain valid transmit data when the MSB is transmitted.
Bit 2
TEIE
Description
0
Transmit-end interrupt (TEI) requests are disabled*
(initial value)
1
Transmit-end interrupt (TEI) requests are enabled.*
Note:
*
The TEI request can be cleared by reading the TDRE bit in the serial status register
(SSR) after it has been set to 1, then clearing TDRE to 0 and clearing the transmit end
(TEND) bit to 0; or by clearing the TEIE bit to 0.
Bits 1 and 0
⎯Clock Enable 1 and 0 (CKE1 and CKE0): These bits select the SCI clock source
and enable or disable clock output from the SCK pin. Depending on the combination of CKE1 and
CKE0, the SCK pin can be used for serial clock output, or serial clock input. Select the SCK pin
function by using the pin function controller (PFC).
The CKE0 setting is valid only in the asynchronous mode, and only when the SCI is internally
clocked (CKE1 = 0). The CKE0 setting is ignored in the clock synchronous mode, or when an
external clock source is selected (CKE1 = 1). Select the SCI operating mode in the serial mode
register (SMR) before setting CKE1 and CKE0. For further details on selection of the SCI clock
source, see table 12.9 in section 12.3, Operation.
Bit 1
CKE1
Bit 0
CKE0 Description*
1
0
0
Asynchronous mode
Internal clock, SCK pin used for input pin (input signal is
ignored) or output pin (output level is undefined) *
2
Clock synchronous mode Internal clock, SCK pin used for synchronous clock
output*
2
0
1
Asynchronous mode
Internal clock, SCK pin used for clock output*
3
Clock synchronous mode Internal clock, SCK pin used for synchronous clock output
1
0
Asynchronous mode
External clock, SCK pin used for clock input*
4
Clock synchronous mode External clock, SCK pin used for synchronous clock input
1
1
Asynchronous mode
External clock, SCK pin used for clock input*
4
Clock synchronous mode External clock, SCK pin used for synchronous clock input
Notes: 1. The SCK pin is multiplexed with other functions. Use the pin function controller (PFC) to
select the SCK function for this pin, as well as the I/O direction.
2. Initial value.
3. The output clock frequency is the same as the bit rate.
4. The input clock frequency is 16 times the bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com